Part Number Hot Search : 
APW7073 KM68100 B12M50 QP50N06 36MHZ 74HC240U 2M050 AT54S
Product Description
Full Text Search
 

To Download MC74LVX541 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC74LVX541 Octal Bus Buffer
The MC74LVX541 is an advanced high speed CMOS octal bus buffer fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. The MC74LVX541 is a noninverting type. When either OE1 or OE2 are high, the terminal outputs are in the high impedance state. The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The inputs tolerate voltages up to 7 V, allowing the interface of 5 V systems to 3 V systems.
http://onsemi.com MARKING DIAGRAMS
SOIC-20 DW SUFFIX CASE 751D 20 LVX541 AWLYYWW 1 TSSOP-20 DT SUFFIX CASE 948E 20 LVX541 AWLYWW 1 SOIC EIAJ-20 M SUFFIX CASE 967 20 LVX541 ALYW 1 A WL YY WW = Assembly Location = Wafer Lot = Year A = Work Week WL Y WW = Assembly Location = Wafer Lot = Year = Work Week
* * * * * * * * * * *
High Speed: tPD = 5.0 ns (Typ) at VCC = 3.3V Low Power Dissipation: ICC = 4 mA (Max) at TA = 25C High Noise Immunity: VNIH = VNIL = 28% VCC Power Down Protection Provided on Inputs Balanced Propagation Delays Designed for 2 V to 3.6 V Operating Range Low Noise: VOLP = 1.2 V (Max) Pin and Function Compatible with Other Standard Logic Families Latchup Performance Exceeds 300 mA ESD Performance: HBM > 2000 V; Machine Model > 200 V Chip Complexity: 134 FETs or 33.5 Equivalent Gates
= Assembly Location = Wafer Lot = Year = Work Week
A L Y W
ORDERING INFORMATION
Device MC74LVX541DW MC74LVX541DT MC74LVX541DTR2 MC74LVX541M Package SOIC-20 TSSOP-20 Shipping 38 Units/Rail 75 Units/Rail
TSSOP-20 2500 Units/Reel SOIC EIAJ-20 SOIC EIAJ-20 40 Units/Rail
MC74LVX541MEL
2000 Units/Reel
(c) Semiconductor Components Industries, LLC, 2002
1
June, 2002 - Rev. 1
Publication Order Number: MC74LVX541/D
MC74LVX541
LOGIC DIAGRAM
A1 A2 A3 DATA INPUTS A4 A5 A6 A7 A8 OUTPUT ENABLES OE1 OE2 2 3 4 5 6 7 8 9 1 19 18 17 16 15 14 13 12 11 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 NONINVERTING OUTPUTS
PIN ASSIGNMENT
OE1 A1 A2 A3 A4 A5 A6 A7 A8 GND 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC OE2 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 OE1 L L H X
FUNCTION TABLE
Inputs Output Y OE2 L L X H A L H X X L H Z Z
IEC LOGIC DIAGRAM
QE1 QE2 A1 A2 A3 A4 A5 A6 A7 A8 1 19 & EN
2 3 4 5 6 7 8 9
1
18 17 16 15 14 13 12 11
Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8
http://onsemi.com
2
MC74LVX541
II I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I I II I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I I II I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I II I I II II I I I I II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIII I I II I I I I IIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII III I I I IIIIIIIIIIIIIIIIIIIIIII II I I IIII I I I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII II I II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII II I
II I III I II II I I IIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I III II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII II I III II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII I IIII IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS*
SymbolIIIIIIIIIIIIII Parameter VCC Vin DC Supply Voltage DC Input Voltage Value Unit - 0.5 to + 7.0III V - 0.5 to + 7.0III V V Vout IIK DC Output Voltage - 0.5 to VCC + 0.5 - 20 20 25 50 500 450 Input Diode Current mA mA mA mA IOK Iout Output Diode Current DC Output Current, per Pin ICC PD DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Storage Temperature SOIC Packages TSSOP Package mW C Tstg - 65 to + 150 * Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. Derating -- SOIC Packages: - 7 mW/C from 65 to 125C TSSOP Package: - 6.1 mW/C from 65 to 125C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND v (Vin or Vout) v VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or V CC ). Unused outputs must be left open.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC Vin Parameter
Min 2.0 0 0
Max 3.6 5.5
Unit V V V
DC Supply Voltage DC Input Voltage
Vout TA
DC Output Voltage
VCC
Operating Temperature, All Package Types Input Rise and Fall Time
-40 0
+ 85 100
C
tr, tf
VCC = 3.3V 0.3V
ns/V
DC ELECTRICAL CHARACTERISTICS
Symbol VIH
Parameter
Test Conditions
VCC V 2.0 3.0 3.6 2.0 3.0 3.6
TA = 25C Typ
TA = - 40 to 85C Min Max
Min
Max
Unit V
Minimum High-Level Input Voltage
1.50 2.0 2.4
1.50 2.0 2.4
VIL
Maximum Low-Level Input Voltage
0.50 0.80 0.80
0.50 0.80 0.80
V
VOH
Minimum High-Level Output Voltage Viin = VIH or VIL
IOH = - 50 mA IOH = - 50 mA IOH = - 4 mA IOL = 50 mA IOL = 50 mA IOL = 4 mA
2.0 3.0 30 3.0 2.0 3.0 30 3.0
1.9 2.9 29 2.58
2.0 3.0 30 0.0 0.0 00
1.9 2.9 29 2.48
V
VOL
Maximum Low-Level Output Voltage Viin = VIH or VIL
0.1 0.1 01 0.36
0.1 0.1 01 0.44
V
http://onsemi.com
3
MC74LVX541
II II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I II I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII IIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I II I I I I I II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I II I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I II I I I I I II I I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I II I I II I I I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I III I I I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I I I I II I I II I I I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
DC ELECTRICAL CHARACTERISTICS
Symbol Iin Parameter Test Conditions VCC V TA = 25C Typ TA = - 40 to 85C Min Max 1.0 2.5 Min Max Unit mA mA mA Maximum Input Leakage Current Vin = 5.5 V or GND Vin = VIL or VIH Vout = VCC or GND Vin = VCC or GND 0 to 3.6 3.6 3.6 0.1 0.2 5 4.0 IOZ Maximum Three-State Leakage Current Maximum Quiescent Supply Current ICC 40.0
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol tPLH, tPHL Parameter
TA = 25C Typ 5.0 7.5 3.5 5.0 6.8 9.3 4.7 6.2
TA = - 40 to 85C Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max
Test Conditions
Min
Max
Unit ns
Maximum Propagation Delay, A to Y
VCC = 2.7 V
CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF
7.0 10.5 5.0 7.0
8.5 12.0 6.0 8.0
VCC = 3.3 0.3 V
tPZL, tPZH
Output Enable TIme, OE to Y
VCC = 2.7 V RL = 1 kW
10.5 14.0 7.2 9.2
12.5 16.0
ns
VCC = 3.3 0.3 V RL = 1 kW VCC = 2.7 V RL = 1 kW
CL = 15 pF CL = 50 pF CL = 50 pF
8.5 10.5
tPLZ, tPHZ
Output Disable Time, OE to Y
11.2 6.0
15.4 8.8 1.5 1.0
17.5 10.0 1.5 1.0 10
ns
VCC = 3.3 0.3 V RL = 1 kW VCC = 2.7 V (Note 1)
CL = 50 pF CL = 50 pF CL = 50 pF
tOSLH, tOSHL
Output to Output Skew
ns ns
VCC = 3.3 0.3 V (Note 1)
Cin
Maximum Input Capacitance
4.0 6.0
10III
pF pF
Cout
Maximum Three-State Output Capacitance (Output in High Impedance State)
Typical @ 25C, VCC = 5.0V 18
CPD
Power Dissipation Capacitance (Note 2)
pF
1. Parameter guaranteed by design. tOSLH = |tPLHm - tPLHn|, tOSHL = |tPHLm - tPHLn|. 2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC/8 (per bit). CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0 ns, CL = 50 pF, VCC = 3.3 V)
TA = 25C Symbol VOLP VOLV VIHD VILD Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum High Level Dynamic Input Voltage Maximum Low Level Dynamic Input Voltage Parameter Typ 0.5 -0.5 Max 0.8 -0.8 2.0 0.8 Unit V V V V
http://onsemi.com
4
MC74LVX541
SWITCHING WAVEFORMS
VCC VCC A tPLH 50% VCC Y 50% tPHL GND Y 50% VCC tPZH 50% VCC tPHZ VOH -0.3 V HIGH IMPEDANCE VOL +0.3 V OE1 or OE2 50% tPZL tPLZ 50% GND HIGH IMPEDANCE
Y
Figure 1.
Figure 2.
TEST CIRCUITS
TEST POINT OUTPUT DEVICE UNDER TEST CL* DEVICE UNDER TEST OUTPUT TEST POINT 1 kW CL* CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ AND tPZH.
*Includes all probe and jig capacitance
*Includes all probe and jig capacitance
Figure 3.
Figure 4.
INPUT EQUIVALENT CIRCUIT
INPUT
http://onsemi.com
5
MC74LVX541
PACKAGE DIMENSIONS
SOIC-20 DW SUFFIX PLASTIC SOIC WIDE PACKAGE CASE 751D-05 ISSUE F
11
-A-
20
-B-
1 10
10X
P 0.010 (0.25)
M
B
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 12.65 12.95 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0_ 7_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.499 0.510 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0_ 7_ 0.395 0.415 0.010 0.029
20X
D
M
0.010 (0.25)
TA
S
B
S
J
F R X 45 _ C -T-
18X SEATING PLANE
G
K
M
TSSOP-20 DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948E-02 ISSUE A
20X
K REF
M
0.15 (0.006) T U
S
0.10 (0.004)
TU
S
V
S
2X
L/2
20
11
L
PIN 1 IDENT 1 10
B -U-
J J1
N 0.15 (0.006) T U
S
A -V- N F
C D 0.100 (0.004) -T- SEATING
PLANE
G
H
DETAIL E
http://onsemi.com
6
IIII IIII IIII
SECTION N-N 0.25 (0.010) M DETAIL E
K K1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 6.40 6.60 4.30 4.50 --1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.252 0.260 0.169 0.177 --0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
-W-
MC74LVX541
PACKAGE DIMENSIONS
SOIC EIAJ-20 M SUFFIX PLASTIC SOIC EIAJ PACKAGE CASE 967-01 ISSUE O
20
11
LE Q1 M_ L DETAIL P
E HE
1
10
Z D e VIEW P A
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --2.05 0.05 0.20 0.35 0.50 0.18 0.27 12.35 12.80 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --0.81 INCHES MIN MAX --0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.486 0.504 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --0.032
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
http://onsemi.com
7
MC74LVX541
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC74LVX541/D


▲Up To Search▲   

 
Price & Availability of MC74LVX541

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X